Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download AL1000-M5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-9 for further technical details on this product request catalogue reference e5g a ir p reparation m odular t ype air preparation castle hill nsw.............tel: (02) 680 3222.....fax: (02) 894 5719 order lines tel: 01-501822 fax: 01-502710 order lines see inside front cover for details of your local sales office v a ir f ilter s eries af port size m5 C 1rc autodrain available new super efficient 5m poly-element quick release bowl guard on some sizes high flow af 1000 m5 2000 1 M 8 ? 1 M 4 3000 1 M 4 ? 3 M 8 4000 3 M 8 ? 1 M 2 5000 3 M 4 ?1 6000 1 b ody s ize m5 m5 01 1 M 8 02 1 M 4 03 3 M 8 04 1 M 2 06 3 M 4 10 1 p ort s ize nil without d with a utodrain h ow t o o rder a ir f ilter s ymbols d imensions af1000?2000 d imensions af3000?4000 d imensions af5000?6000 a b d e f g h j k l m p af1000 25 66 7 25 - - - - - - - - 26.5 86.5 differential pressure af2000 40 97.5 11 40 17 30 27 22 5.4 8.4 40 2.3 40 120.5 differential pressure af3000 53 132.5 14 53 16 41 40 23 6.5 8 53 2.3 56 170 float (n.o.) af4000 70 168.5 18 70 17 50 54 26 8.5 10.5 70 2.3 73 206 float (n.o.) af5000 90 247.5 24 90 23 70 66 35 11 13 90 3.2 90 285 float (n.o.) af6000 95 261.5 24 95 23 70 66 35 11 13 90 3.2 95 299 float (n.o.) b type with auto drain t echnical s pecifications a ccessories a ir f ilter poly filter sintered bronze applicable element 5m filter element 5m filter series 111344 .........11134-5b ...................af1000 1129116a......11294-5b ...................af2000 111585a .......111511-5b..................af3000 1116103a......11104-5b ...................af4000 111724a .......11173-5b ...................af5000 111825a .......11074-5b ...................af6000 note: sintered bronze and poly-elements are now interchangable bracket b240a...........af2000 b340a...........af3000 b440a...........af4000 b640a...........af5000/6000 c model * 0.7 mpa supply, pressure drop d p = 0.05 mpa * flow data is for new poly-element for larger sizes see high flow series af s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist port size m5x0.8 1 M 8 1 M 4 1 M 4 3 M 8 3 M 8 1 M 2 3 M 4 1 1 max. supply pressure mpa min. operating condition for autodrain type flow rate l n/min* 140 1050 2800 5000 7000 min. flow 100 n l /min 8000 1.5 max. operating pressure mpa min pressure 0.1 mpa 0.99 ambient and media temperature -5 ~ +60c bowl capacity cm 3 4 15 20 45 130 130 bowl material polycarbonate (steel/nylon option) filtration standard: 5m model af1000 af2000 af3000 af4000 af5000 af6000 nil with one touch fitting x445 without fitting but with rc(pt) 1 M 4 a utodrain outlet (3000 & 6000) with auto drain (n.o. float type) with one touch fitting for 10mm o.d. tube with additional manual discharge. b see below for auto drain
0 w ith gauge por t 1 w ith built in gauge (available for body sizes 20~40 only) g auge 0 relieving 6 w ith check valve * built-in gauge not available with this option. standard on ar1000 b ody s ize 5-10 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation r egula tor s eries ar por t size m5 C 1rc q and p compensation design includes panel mount ring high flow non-modular , higher flow and pr ecision type r egulators ar e available (see index) check valve option available built in gauge available locking ring as standar d t amper pr oof cap option ar 10 m5 20 1 M 8 ? 1 M 4 25 1 M 4 ? 3 M 8 30 1 M 4 ? 3 M 8 40 ? 1 M 4 ? 3 M 8 ? 1 M 2 50 3 M 4 ?1 60 1 m5 m5 01 1 M 8 02 1 M 4 03 3 M 8 04 1 M 2 06 3 M 4 10 1 p or t s ize nil standar d 1 low pr essur e 0.2~2 bar r for right to left flow (with built in gauge type only) r egula tor r ange h ow t o o r d e r p ressure r egula tor s ymbols a ccessories p ressure r egula tor bracket b120 ar1000 b220 ar2000/2500 b320 ar3000 b420 ar4000 b540a ar5000 b640a ar6000 t echnical s pecifica tions see pr essur e gauges page p ressure g auges por t size m5x0.8 1 M 8 1 M 4 1 M 4 3 M 8 1 M 4 3 M 8 1 M 4 3 M 8 1 M 2 3 M 4 1 1 1 M 4 flow rate l n/min* 100 550 2000 2500 6000 8000 10000 1 M 4 max. supply pr essur e mpa optional low pr essur e r egulator range bar 0.2~2 1.5 max. operating pr essur e mpa 1.0 pr essur e r egulating range mpa 0.05-0.7 0.05 ~ 0.85 (ar*000) 0.1 ~ 0.85 (ar*060) por t size for pr essur e gauge 1 M 16 1 M 8 1 M 8 1 M 8 1 M 4 ambient and media temperatur e -5 ~ +60 c constr uction relieving type model ar1000 ar20 00 ar30 00 ar40 00 ar50 00 ar60 00 * 0.7mpa supply , pr essur e = 0.5mpa, pr essur e dr op d p = 0.1mpa ar25 00 nil for ar**00 type g gauge for ar**01 type relieving type check valve type s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist for lar ger pilot operated units see ar high flow series t amper pr oof cap uka 351 - 9 ar1000 uka 352 - 9 ar2000 uka353 - 9 ar3000 uka 354 - 9 ar4000 t o be loctited over adjusting knob and engraved with prim/sec pr essur es
5-11 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation castle hill nsw ............. tel: (02) 680 3222 ..... fax: (02) 894 5719 order lines t el: 01-501822 fax: 01-502710 order lines see inside front cover for details of your local sales office v d imensions ar1000~ar5000 d imensions ar6000 model a b c d e f g h j k l m n ar1000 25 61.5 11 25 26 25 18 30 4.5 6.5 40 2 20.5 ar2000 40 95 17 40 56.8 30 30 45 5.4 15.4 55 2.3 33.5 ar2500 53 102.5 25 48 60.8 30 34 44 5.4 15.4 55 2.3 33.5 ar3000 53 127.5 35 53 60.8 41 40 46 6.5 8 53 2.3 42.5 ar4000 70 149.5 37.5 70 65.5 50 54 54 8.5 10 .5 70 2.3 52.5 ar5000 90 168 48 90 75.5 70 66 65.8 11 13 90 3.2 52.5 ar6000 95 204.5 48 95 78 70 66 65.8 11 13 90 3.2 - d imensions ar2001 ~ ar4001 model par t size a b c d e bracket dimensions n f g h j k l m ar2001 1/8 ? 1/4 40 95 17 40 35 30 34 44 5.4 15.4 55 2.3 33.5 ar25o1 1/4 ? 3/8 53 102.5 25 48 32 30 34 34 44 5.4 15.4 55 2.3 ar3001 1/4 ? 3/8 53 127.5 35 53 29.5 41 40 46 6.5 8 53 2.3 42.5 ar4001 1/4 ? 3/8 ? 1/2 70 149.5 37.5 70 38 50 54 54 8.5 10.5 70 2.3 52.5 bracket por t size d imensions t amper p roof c ap type a b c d inter nal thr ead uka351-9 m20x1.0 32.5 25.4 10.0 18 1 uka352-9 m33x1.5 52.5 41.28 26.0 full thr eads uka353-9 m42x1.5 61.5 50.8 31.0 material uka354-9 m52x1.5 73.5 60.33 38.0 black anodised aluminium
5-12 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation l ubrica tor s eries al o il m ist t ype por t size m5 C 1rc pr ecise adjustment unifor m lubrication even at extr emely low flow rates over 97% of atomised oil par ticles <10 micr ons quick r elease bowl guar d on some sizes built-in check valve pr events oil falling back into bowl during no air consumption which could cause dr y period r unning. al3000-6000 models can be r efilled under pr essur e al 1000 m5 2000 1 M 8 ? 1 M 4 3000 1 M 4 ? 3 M 8 4000 3 M 8 ? 1 M 2 5000 3 M 4 ?1 6000 1 b ody s ize m5 m5 01 1 M 8 02 1 M 4 03 3 M 8 04 1 M 2 06 3 M 4 10 1 p or t s ize h ow t o o r d e r l ubrica tor s ymbols a ccessories l ubrica tor bracket b240a al2000 b340a al3000 b440a al4000 b640a al5000/6000 d imensions al1000?al2000 d imensions al3000?al4000 d imensions al5000?al6000 t echnical s pecifica tions model a b c d f g h j k l m p al1000 25 81.5 25.5 25 - - - - - - - 27 al2000 40 122 38 40 30 27 22 5.4 8.4 40 2.3 40 al3000 53 142 38 53 41 40 23 6.5 8 53 2.3 56 al4000 70 177 41 70 50 54 26 8.5 10.5 70 2.3 73 al5000 90 254 45 90 70 66 35 11 13 90 3.2 90 al6000 95 268 45 95 70 66 35 11 13 90 3.2 95 s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist model al1000 al2000 al3000 al4000 al5000 al6000 por t size m5x0.8 1 M 8 1 M 4 1 M 4 3 M 8 3 M 8 1 M 2 3 M 4 1 1 flow rate l n/min 95 800 1700 5000 7000 7500 max. supply pr essur e mpa 1.5 max. operating pr essur e mpa 0.99 min. operating flow l n/min* 4 15 1 M 4 : 30 3 M 8 : 40 3 M 8 : 40 1 M 2 : 50 190 220 bowl capacity cm 3 7 25 50 130 130 130 recommended oil iso vg32 (32 centi str okes @20oc) ambient and media temperatur e -5 ~ +60 (avoid fr eezing) bowl material polycarbonate accessor y (standar d) bowl guar d - optional ? ? ? ? *conditions: supply pr essur e - 0.5mpa number of drops - 5 dr ops/min. isovg32, 20 c max. flow data @ o.5 mpa supply 0.03mpa pr essur e dr op for lar ger sizes see high flow series al o ption *al3000-6000 with 1 litr e metal bowl with sight glass or der with suf fix -1. b* - - 324 334 336 336 *w ith metal bowl and sight glass
0 standar d 1 w ith built in gauge 2 w ith built in gauge for right to left flow (1 & 2 available for body sizes 20~40 only) 0 5-13 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation castle hill nsw ............. tel: (02) 680 3222 ..... fax: (02) 894 5719 order lines t el: 01-501822 fax: 01-502710 order lines see inside front cover for details of your local sales office v f il ter r egula tor s eries a w por t size m5 C 3 M 4 rc dif fer ential or float type autodrain quick r elease bowl guar d on some sizes high flow 5 m filter element built in gauge available locking ring as standar d t amper pr oof cap option s ymbols a ccessories f il ter r egula tor poly filter sinter ed br onze element 5 m filter element 5 m 111344 11134-5b a w1000 1129116a 11294-5b a w2000 111585a 111511-5b a w3000 1116103a 11104-5b a w4000/-06 note: sinter ed br onze and poly-elements ar e now inter changeable bracket b120 a w1000 b220 a w2000 b320 a w3000 b420 a w4000/4000-06 a w 10 m5 20 1 M 8 ? 1 M 4 30 1 M 4 ? 3 M 8 40 3 M 8 ? 1 M 2 *40 3 M 4 (not built-in gauge type) b ody s ize m5 m5 01 1 M 8 02 1 M 4 03 3 M 8 04 1 M 2 *06 3 M 4 (not built-in gauge type) p or t s ize nil w ithout d w ith a utodrain h ow t o o r d e r f il ter r egula tor t echnical s pecifica tions *0.7mpa supply , 0.5mpa static set pr essur e, 0.1mpa pr essur e dr op nil for a w**01 type g gauge for a w**00 type s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist model a w3001 a w1000 a w2000 a w2001 a w3000 a w4000 por t size m5x0.8 1 M 8 1 M 4 1 M 8 1 M 4 1 M 4 3 M 8 a w4001 flow rate l n/min* 100 550 550 2000 max. supply pr essur e mpa 1 M 4 3 M 8 1 M 4 3 M 8 1 M 2 1 M 4 3 M 8 1 M 2 1.5 max. operating pr essur e mpa 2000 4000 4000 1.0 pr essur e r egulating range mpa 0.05 ~ 0.7 0.05 ~ 0.85 por t size for pr essur e gauge 1 M 16 1 M 8 n/a 1 M 8 ambient and media temperatur e n/a 1 M 4 n/a -5 ~ +60 c filtration 20 standar d: 5 m 45 bowl capacity cm 3 4 15 15 20 45 bowl material polycarbonate (steel/nylon option) ? constr uction/r egulator ? ? relieving type accessor y(standar d) bowl guar d - optional optional ? d imensions s ee n ext p age + 3 M 4 4500 1 M 4 a w4000-06 45 ? t amper pr oof cap uka351 - 9 a w1000 uka352 - 9 a w2000 uka353 - 9 a w3000 uka354 - 9 a w4000 t o be loctited over adjusting knob and engraved with prim/sec pr essur es
5-14 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation t ype w ith auto drain h ?n model a b c d e f g j k l m p b a w1000 25 109.5 50.5 25 26 25 28 30 4.5 6.5 40 2.0 20.5 28 86.5 dif fer ential pr essur e a w2000 40 164.5 78 40 56.8 30 34 45 5.4 15.4 55 2.3 33.5 40 120.5 dif fer ential pr essur e a w3000 53 211 92.5 53 60.8 41 40 46 6.5 8.0 53 2.3 42.5 56 248.5 float a w4000 70 262.5 112 70 70.5 50 54 54 8.5 10.5 70 2.3 52.5 73 300 float d imensions a w 3000?4000 d imensions a w1000?2000 anw1000: max. 3.5t aw2000: max. 5t aw2001: max. 3.5t d imensions a w2001 d imensions a w3001 - 4001 t ype w ith auto drain h ?n model a b c d e f g j k l m p b a w2001 40 164.5 78 40 56.8 30 34 45 5.4 15.4 55 2.3 33.5 40 120.5 dif fer ential pr essur e a w3001 53 211 92.5 53 60.8 41 40 46 6.5 8.0 53 2.3 42.5 56 248.5 float a w4001 70 262.5 112 70 70.5 50 54 54 8.5 10.5 70 2.3 52.5 73 300 float w ith auto drain (n.o. float type) with one touch fitting for 10mm o.d. tube with additional manual dischar ge. b w ith auto drain (n.o. float type) with one touch fitting for 10mm o.d. tube with additional manual dischar ge. b
5-15 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation castle hill nsw ............. tel: (02) 680 3222 ..... fax: (02) 894 5719 order lines t el: 01-501822 fax: 01-502710 order lines see inside front cover for details of your local sales office v m ist s ep ara tor s eries afm por t size 1 M 8 C 3 M 4 rc removes mor e than 99.9% of oil mist 0.3 m filter element quick r elease metal bowl guar d on sizes 3000~4000 automatic or manual drain afm 2000 1 M 8 ? 1 M 4 3000 1 M 4 ? 3 M 8 4000 1 M 4 ? 3 M 8 ? 1 M 2 ? 3 M 4 b ody s ize 01 1 M 8 02 1 M 4 03 3 M 8 04 1 M 2 06 3 M 4 p or t s ize nil w ithout d w ith a utodrain h ow t o o r d e r m ist s ep ara tor s ymbols a ccessories m ist s ep ara tor filter element 630611 afm2000 630617 afm3000 630623 afm4000 / 4000-06 filter elements should be changed after 1 year or when a pr essur e dr op of 1 bar is r eached. bracket b240a afm2000 b340a afm3000 b440a afm4000 b540a afm4000-06 mist separators ar e also available in lar ger por t sizes - see: filters: high ef ficiency model a w ith auto drain 1/8 1/4 por t size b c d e f g h j k l m p b t ype afm2000 40 97.5 11 40 17 30 27 22 5.4 8.4 40 2.3 40 120.5 dif fer ential pr essur e afm3000 1/4 3/6 53 132.5 14 53 16 41 40 23 6.5 8 53 2.3 56 170 float type afm4000 1/4 3/8 1/2 70 168.5 18 70 17 50 54 26 8.5 10.5 70 2.3 73 206 float type afm4000-06 3/4 75 172.5 20 70 14 50 54 25 8.5 10.5 70 2.3 73 210 float type d imensions m ist s ep ara tor afm2000 d imensions m ist s ep ara tor afm3000?4000 t echnical s pecifica tions 0.7mpa supply , 0.01 mpa pr essur e dr op (new) s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist model afm2000 afm3000 afm4000 por t size 1 M 8 1 M 4 1 M 4 3 M 8 1 M 4 3 M 8 1 M 2 flow rate l n/min* 200 450 1100 max. supply pr essur e mpa 1.5 max. operating pr essur e mpa 1.0 min. operating pr essur e mpa 0.05 bowl material polycarbonate accessor y (standar d) bowl guar d - ? ? w ith auto drain (n.o. float type) with one touch fitting for 10mm o.d. tube with additional manual dischar ge. b afm4000-06 3 M 4 1100 ?
5-16 for further technical details on this product request catalogue reference e5g a ir p rep ara tion m odular t ype air pr epar ation m icro -m ist s ep ara tor s eries afd por t size 1 M 8 C 3 M 4 rc removes mor e than 99.9999% of oil mist 0.01 m filter element quick r elease metal bowl guar d on sizes 3000~4000 automatic or manual drain afd 2000 1 M 8 ? 1 M 4 3000 1 M 4 ? 3 M 8 4000 1 M 4 ? 3 M 8 ? 1 M 2 ? 3 M 4 b ody s ize m5 m5 01 1 M 8 02 1 M 4 03 3 M 8 04 1 M 2 06 3 M 4 p or t s ize nil w ithout d w ith a utodrain h ow t o o r d e r m ist s ep ara tor s ymbols a ccessories m icro m ist s ep ara tor filter element 63092 afd2000 63093 afd3000 63094 afd4000 / 4000-06 filter elements should be changed after 1 year or when a pr essur e dr op of 1 bar is r eached. bracket b240a afd2000 b340a afd3000 b440a afd4000 b540a afd4000-06 micr o-mist separators ar e also available in lar ger por t sizes - see: filters: high ef ficiency model a w ith auto drain 1/8 1/4 por t size b c d e f g h j k l m p b t ype afd2000 40 97.5 11 40 17 30 27 22 5.4 8.4 40 2.3 40 120.5 dif fer ential pr essur e afd3000 1/4 3/8 53 132.5 14 53 16 41 40 23 6.5 8 53 2.3 56 170 float type afd4000 1/4 3/8 1/2 70 168.5 18 70 17 50 54 26 8.5 10.5 70 2.3 73 206 float type afd4000-06 3/4 75 172.5 20 70 14 50 54 25 8.5 10.5 70 2.3 73 210 float type d imensions m icro m ist s ep ara tor afd2000 d imensions m ist s ep ara tor afd3000?4000 t echnical s pecifica tions model afd2000 afd3000 afd4000 por t size 1 M 8 1 M 4 1 M 4 3 M 8 1 M 4 3 M 8 1 M 2 flow rate l n/min* 120 240 600 max. supply pr essur e mpa 1.5 max. operating pr essur e mpa 1.0 min. operating pr essur e mpa 0.05 bowl material polycarbonate (with metal bowl guar d) accessor y (standar d) bowl guar d optional ? ? 0.7 mpa supply , 0.01mpa pr essur e dr op (new) s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist s tocked p roducts f or a list of s tocked p roducts , please see the current smc p rice l ist afd4000-06 3 M 4 600 ? w ith auto drain (n.o. float type) with one touch fitting for 10mm o.d. tube with additional manual dischar ge. b
5-17 for further technical details on this product contact your local regional centre a ir p rep ara tion m odular t ype air pr epar ation castle hill nsw ............. tel: (02) 680 3222 ..... fax: (02) 894 5719 order lines t el: 01-501822 fax: 01-502710 order lines see inside front cover for details of your local sales office v p recision r egula tor s eries ir1000~3000 compact and lightweight high r elief flow capacity high setting accuracy fine adjustment suitable for stand alone use modular design for integration into modular air pr eparation assemblies (ir1000 fits ac2000, ir2000 fits ac3000, ir3000 fits ac4000) clean r oom options to or der pr essur e gauge mounting fr ont/r ear note: this pr oduct will be r eleased during 1998. please contact your smc regional centr e for the latest infor mation. f ur ther informa tion on this product can be found in the instrument a tion section of this ca t alogue e lectro p neuma tic r egula tor s eries itv1000~3000 air consumption is near zer o l/min (anr) at desir ed set pr essur e (balanced condition) zer o/span adjustment is possible with no air pr essur e supplied easy to r ead led with choice of 5 units of measur e 4 input cur r ent/voltage range options thr ee monitor output options - analogue or switched (npn or pnp) plug in wiring with r emovable cable (straight or right angle plug) needs only 5 m filtration, instr umentation quality air not r equir ed ip65 pr otection standar d (iec529) same mounting dimensions as it series (same bracket) for stand alone use with thr eaded por ts. modular design for integration with modular air pr eparation assemblies ac2000, ac3000, ac4000 3 pr essur e output options, 0.1mpa, 0.5mpa, 0.9mpa clean r oom option gauge por t as standar d t apped exhaust por t note: this pr oduct will be r eleased during 1998. please contact your smc regional centr e for the latest infor mation. f ur ther informa tion on this product can be found in the instrument a tion section of this ca t alogue (itv2000 shown)


▲Up To Search▲   

 
Price & Availability of AL1000-M5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X